Part Number Hot Search : 
SFH4053 WP63IT 79L09ACD MAX17503 TXV2N72 MBRB20 ICM7211A 405DH3
Product Description
Full Text Search
 

To Download AAT3519 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AAT3510/1/2/3/4/5/6/7/8/9
Micropower P Reset with Watchdog Timer General Description
The AAT351x PowerManager products are members of AnalogicTech's Total Power Management ICTM (TPMICTM) product family. This family of microprocessor reset circuits provides the ultimate in versatility, allowing system designers full customization of the P monitor and reset function without any additional components. The AAT351x family offers several combinations of threshold voltage, watchdog timeout period, reset active period, and output drive configurations, which are all factory-programmed options. All devices are available in 32 reset threshold voltages from 2.6V up to 5V, with three watchdog timeout periods from 6.3ms to 1600ms and three reset timeouts from 1ms up to 140ms. Available output configurations are active low push-pull, active low open drain, active low bi-directional, and active high push-pull. The AAT351x family is designed to ignore fast negative transients on VDD and to ensure that reset outputs remain valid down to 1V. The AAT351x family is available in the Pb-free, space-saving 5-pin SOT23 surface mount package and is specified over the -40 to +85C temperature range.
Features
* * * * * * *
PowerManagerTM SmartSwitch TM
* *
Tight Voltage Tolerance: 1.5% Low Quiescent Current: 5A Guaranteed Reset Valid Down to 1V 32 Voltage Options from 2.6V to 5.0V Three Reset Active Period Options: -- 1ms, 20ms, 140ms Three Watchdog Timeout Period Options: -- 6.3ms, 102ms, 1600ms Four Output Options: -- Open Drain -- Inverting -- Non-Inverting -- Bi-Directional Low Temperature Coefficient: 100ppm/C 5-Pin SOT23 Package
Applications
* * * * * * * Critical P and C Supply Monitoring Embedded Control Systems Industrial Controllers Intelligent Instruments Notebook Computers Portable Electronics Power-On Reset Circuits
Typical Application
V DD
VCC RESET (RESET) RESET INPUT
VDD
AAT351x
P
I/O LINE
WDI GND
3510.2006.03.1.7
1
AAT3510/1/2/3/4/5/6/7/8/9
Micropower P Reset with Watchdog Timer Pin Descriptions
Pin #
AAT3510 AAT3512 AAT3513 AAT3511 AAT3514 AAT3517 AAT3518 1 N/A 1 AAT3515 AAT3516 AAT3519 1
Symbol
RESET
Function
AAT3510/13/15: RESET output goes low whenever VDD falls below the reset threshold. CMOS push-pull output. AAT3511/14/16: RESET output goes low whenever VDD falls below the reset threshold. Bidirectional CMOS pushpull output intended to interface directly to microprocessors with bi-directional resets. AAT3517/18/19: RESET output goes low whenever VDD falls below the reset threshold. Open drain output. Connect a pull-up resistor to any supply voltage up to 5.5V. Ground connection pin. RESET active-high output. This CMOS push-pull signal is the logical inverse of RESET. Manual reset input pin. Active low. Pull low to force a reset. Watchdog input pin. Triggers a reset if it remains in a steady state for the duration of the watchdog timer period. Input voltage pin.
2 N/A 3 4 5
2 1 3 4 5
2 3 N/A 4 5
2 3 4 N/A 5
GND RESET MR WDI VCC
Pin Configuration
5-lead SOT23 (Top View) RESET GND MR
1 5
5-lead SOT23 (Top View)
VCC RESET GND
1 5
VCC
2
2
3
4
WDI
MR
3
4
WDI
AAT3510 AAT3511 AAT3517
AAT3512
5-lead SOT23 (Top View) RESET GND RESET
1 5
5-lead SOT23 (Top View)
VCC RESET GND
1 5
VCC
2
2
3
4
WDI
RESET
3
4
MR
AAT3513 AAT3514 AAT3518
AAT3515 AAT3516 AAT3519
3510.2006.03.1.7
2
AAT3510/1/2/3/4/5/6/7/8/9
Micropower P Reset with Watchdog Timer Absolute Maximum Ratings1
TA = 25C, unless otherwise noted. Symbol
VCC VMR, VWDI VRESET IVCC, IMR, IWDI IRESET dVCC/dt TJ
Description
VCC to GND MR, WDI to GND RESET to GND (Push-Pull or Bidirectional Output) RESET to GND (Open Drain Output) Maximum Continuous Input Current RESET/RESET Output Current Rate of Rise of VCC Operating Junction Temperature Range (-40C to +150C)
Max
-0.3 to 6 -0.3 to VCC + 0.3 -0.3 to VCC + 0.3 -0.3 to 6 20 20 100 150
Units
V V V mA mA V/s C
Thermal Information2
Symbol
JA PD
Description
Maximum Thermal Resistance Maximum Power Dissipation
Value
190 526
Units
C/W mW
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time. 2. Mounted on an FR4 board. 3510.2006.03.1.7
3
AAT3510/1/2/3/4/5/6/7/8/9
Micropower P Reset with Watchdog Timer Electrical Characteristics
VCC = 2.5V to 5.5V, TA = -40C to +85C1, unless otherwise noted. Typical values are at TA = 25C. Symbol Description
VCC Operating Voltage Range
Conditions
TA = -40C to +85C AAT3510/1/2/3/4/7/8: MR & WDI Unconnected AAT3515/6/9: MR Unconnected TA = 25C TA = -40 to +85C -40C < TA < +85C AAT351xIGV-xx-A-x-T1 AAT351xIGV-xx-B-x-T1 AAT351xIGV-xx-C-x-T1 VCC Falling at 1mV/s VCC 1.0V, ISINK = 50A VCC 1.2V, ISINK = 100A VCC 2.7V, ISINK = 1.2mA VCC 4.5V, ISINK = 3.2mA VCC 2.7V, ISOURCE = 500A VCC 4.5V, ISOURCE = 800A VCC 2.7V, ISINK = 1.2mA VCC 4.5V, ISINK = 3.2mA VCC 1.8V, ISOURCE = 150A VCC 2.7V, ISOURCE = 500A VCC 4.5V, ISOURCE = 800A VCC = 3.6V VCC = 5.5V VCC = 3.6V VCC = 5.5V
Min
1
Typ
5 6
Max
5.5 15 18 15 18 VTHNOM+1.5% VTHNOM+2.5%
Units
V
ICC
Supply Current
A
VTH TC tRP TRD
Reset Threshold Voltage Reference Voltage Temperature Coefficient Reset Active Timeout Period VCC to RESET Delay
VTHNOM-1.5% VTH VTHNOM-2.5% VTH 40 1 20 140 1.4 28 200 40
V ppm/C
2 40 280
ms s
Push/Pull RESET Output (AAT3510, 3512, 3513, 3514, 3515, 3516, 3518, 3519)
VOL
RESET Low Output Voltage
0.3 0.3 0.3 0.4 0.8 x VCC VCC - 1.5 0.3 0.4 0.8 x VCC 0.8 x VCC VCC - 1.5 400
V
VOH
RESET High Output Voltage RESET Low Output Voltage
V
VOH RESET High Output Voltage
V
Bidirectional RESET Output (AAT3511, 3514, 3516)
tS
Transition Flip-Flop Setup Time2 VCC = 3.0V, CL = 120pF VCC = 5.0V, CL = 200pF VCC = 3.0V, CL = 250pF VCC = 5.0V, CL = 400pF 0.4
ns 333 333 666 666
tR
RESET Output Rise Time3
ns
VPTH
Active Pull-Up Enable VCC = 5.0V Threshold RESET Active Pull-Up VCC = 5.0V Current RESET Pull-Up Resistance
0.65 20
V mA 5.2 k
4.2
4.7
1. Over-temperature limits are guaranteed by design, not production tested. 2. This is the minimum time RESET must be held low by an external pull-down source to set the active pull-up flip-flop. 3. Measured from RESET VOL to (0.8 x VCC), open circuit output.
4
3510.2006.03.1.7
AAT3510/1/2/3/4/5/6/7/8/9
Micropower P Reset with Watchdog Timer Electrical Characteristics
VCC = 2.5V to 5.5V, TA = -40C to +85C1, unless otherwise noted. Typical values are at TA = 25C. Symbol Description Conditions
VCC VCC VCC VCC 1.0V, 1.2V, 2.7V, 4.5V, ISINK ISINK ISINK ISINK = = = = 50A 100A 1.2mA 3.2mA
Min
Typ
Max
0.3 0.3 0.3 0.4 1.0
Units
Open-Drain RESET Output (AAT3517, 3518, 3519)
VOL ID(OFF)
RESET Low Output Voltage
V
Reset Leakage Current AAT351xIGV-xx-x-A-T1 AAT351xIGV-xx-x-B-T1 AAT351xIGV-xx-x-C-T12 VIL = 0.3 x VCC, VIH = 0.7 x VCC 4.3 71 1.12 0.3 x VCC WDI = VCC, Time Average VWDI = 0, Time Average 120 -15 6.3 102 1.6 50
A
Watchdog Input (AAT3510, 3511, 3512, 3513, 3514, 3517, 3518)
tWD tWDI VIL VIH IWDI
Watchdog Timeout Period WDI Minimum Pulse Width WDI Input Threshold3 WDI Input Threshold3 WDI Input Current4
9.3 153 2.4
ms s ns V A
0.8 x VCC 160
-20 0.3 x VCC
Manual RESET Input (AAT3510, 3511, 3512, 3515, 3516, 3517, 3519)
VIL
VIH
MR MR MR MR MR MR
Input Threshold Input Threshold Input Pulse Width Glitch Rejection Internal Pull-Up Resistance to Reset Delay
0.7 x VCC 1 TA = 25C VCC = 5V 35 100 52 230 75
V s ns k ns
1. Over-temperature limits are guaranteed by design, not production tested. 2. Watchdog timeout period C is not available on AAT3513, AAT3514, and AAT3518. 3. WDI is internally serviced within the watchdog period if WDI is left unconnected. 4. The WDI input current is specified as the average input current when the WDI input is driven high or low. The WDI input is designed for a three-stated-output device with a 10A maximum leakage current and capable of driving a maximum capacitive load of 200pF. The three-state device must be able to source and sink at least 200A when active. 3510.2006.03.1.7
5
AAT3510/1/2/3/4/5/6/7/8/9
Micropower P Reset with Watchdog Timer Typical Characteristics
Unless otherwise noted, VIN = 3V, TA = 25C. Supply Current vs. Temperature
10
VCC Falling to RESET Propagation Delay vs. Temperature
Propagation Delay (s)
160 140 120 100 80 60 40 20 0 -40 -20 0 20 40 60 80 100
9
Supply Current (A)
8 7 6 5 4 3 2 1 0 -40
VCC = 5V
VCC Falling at 1mV/s V RST - VCC = 100mV
VCC = 3V
VCC = 1V
-20 0 20 40 60 80 100
Temperature (C)
Temperature (C)
Manual Reset to RESET Propagation Delay vs. Temperature
Normalized Timeout Period Propagation Delay (ns)
500 450 400 350 300 250 200 -40 -20 0 20 40 60 80 100 1.05 1.04 1.03 1.02 1.01 1.00 0.99 0.98 0.97 0.96 0.95 -40
Normalized Reset Timeout Period vs. Temperature
V CC = 5V
-20
0
20
40
60
80
100
Temperature (C)
Temperature (C)
Normalized Watchdog Timeout Period vs. Temperature
Normalized Timeout Period
1.05 1.04 1.03 1.02 1.01 1.00 0.99 0.98 0.97 0.96 0.95 -40
Maximum VCC Transient Duration vs. Reset Threshold Overdrive
Transient Duration (s)
80 70 60 50 40 30 20 10 0 10 100 1000
V RST = 2.63V
-20
0
20
40
60
80
100
Temperature (C)
Reset Threshold Overdrive (mV) VRST - VCC
6
3510.2006.03.1.7
AAT3510/1/2/3/4/5/6/7/8/9
Micropower P Reset with Watchdog Timer Typical Characteristics
Unless otherwise noted, VIN = 3V, TA = 25C. Bidirectional Pullup Characteristic
+5V
PASSIVE 4.7k PULLUP 2V/div
74HC05 INPUT
4.7k 100pF
RESET, ACTIVE PULLUP 2V/div RESET, INPUT 5V/div
+5V 74HC05 INPUT 100pF VCC RESET MR GND
Time (200ns/div)
3510.2006.03.1.7
7
AAT3510/1/2/3/4/5/6/7/8/9
Micropower P Reset with Watchdog Timer Functional Block Diagram
VCC
VCC
Reset Generator
RESET3 RESET4
VREF
MR1 Watchdog Timer Detector Watchdog Timer
WDI2
GND
1. 2. 3. 4.
MR pin available on AAT3510/1/2/5/6/7/9. WDI pin avaliable on AAT3510/1/2/3/4/7/8. RESET pin available on AAT3510/1/3/4/5/6/7/8/9. RESET pin available on AAT3512/3/4/5/6/8/9. 3510.2006.03.1.7
8
AAT3510/1/2/3/4/5/6/7/8/9
Micropower P Reset with Watchdog Timer Factory-Trimmed Reset Thresholds1 and Ordering Information
AAT351x IGV - X.XX-X- X-T1
Watchdog Timeout (if applicable) Reset Active Period Threshold Voltage
Reset Active Period
A: TR(MIN) = 1ms B: TR(MIN) = 20ms C: TR(MIN) = 140ms
Watchdog Timeout Period
A: TWD(NOM) = 6.3ms B: TWD(NOM) = 102ms C: TWD(NOM) = 1600ms1
VDD Threshold Voltage
2.63: 2.70: 2.80: 2.93: 3.00: 3.08: 3.20: 3.30: 3.40: 3.50: 3.60: 3.70: 3.80: VTH(NOM) VTH(NOM) VTH(NOM) VTH(NOM) VTH(NOM) VTH(NOM) VTH(NOM) VTH(NOM) VTH(NOM) VTH(NOM) VTH(NOM) VTH(NOM) VTH(NOM) = = = = = = = = = = = = = 2.63V 2.7V 2.8V 2.93V 3.0V 3.08V 3.2V 3.3V 3.4V 3.5V 3.6V 3.7V 3.8V 3.90: 4.00: 4.10: 4.20: 4.38: 4.40: 4.50: 4.63: 4.70: 4.80: 4.90: 5.00: VTH(NOM) VTH(NOM) VTH(NOM) VTH(NOM) VTH(NOM) VTH(NOM) VTH(NOM) VTH(NOM) VTH(NOM) VTH(NOM) VTH(NOM) VTH(NOM) = = = = = = = = = = = = 3.9V 4.0V 4.1V 4.2V 4.3V 4.38V 4.5V 4.63V 4.7V 4.8V 4.9V 5.0V
1. Watchdog timeout period C is not available on AAT3513, AAT3514, and AAT3518. 3510.2006.03.1.7
9
AAT3510/1/2/3/4/5/6/7/8/9
Micropower P Reset with Watchdog Timer Ordering Information
Package
SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 HEXYY HIXYY KLXYY JNXYY KMXYY MFXYY INXYY LZXYY IQXYY
Marking1
HVXYY HUXYY HGXYY HHXYY EWXYY MYXYY
Part Number (Tape and Reel)2
AAT3510IGV-2.63-C-C-T1 AAT3510IGV-2.93-C-C-T1 AAT3510IGV-3.08-C-C-T1 AAT3510IGV-4.38-C-C-T1 AAT3511IGV-2.63-C-C-T1 AAT3512IGV-2.63-A-C-T1 AAT3512IGV-2.63-C-C-T1 AAT3515IGV-2.63-C-T1 AAT3515IGV-2.93-B-T1 AAT3515IGV-2.93-C-T1 AAT3515IGV-3.08-C-T1 AAT3515IGV-4.38-C-T1 AAT3515IGV-4.63-C-T1 AAT3517IGV-2.63-C-C-T1 AAT3517IGV-2.8-B-C-T1 AAT3517IGV-2.93-C-C-T1
All AnalogicTech products are offered in Pb-free packaging. The term "Pb-free" means semiconductor products that are in compliance with current RoHS standards, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more information, please visit our website at http://www.analogictech.com/pbfree.
1. XYY = date and assembly code. 2. Sample stock is generally held on part numbers listed in BOLD.
10
3510.2006.03.1.7
AAT3510/1/2/3/4/5/6/7/8/9
Micropower P Reset with Watchdog Timer Package Information
SOT23-5
2.85 0.15 1.90 BSC 0.95 BSC
1.575 0.125
1.10 0.20
0.60 REF
2.80 0.20
1.20 0.25
0.15 0.07 4 4
GAUGE PLANE
10 5
0.40 0.10
0.075 0.075
0.60 REF
0.45 0.15
0.10 BSC
All dimensions in millimeters.
(c) Advanced Analogic Technologies, Inc. AnalogicTech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an AnalogicTech product. No circuit patent licenses, copyrights, mask work rights, or other intellectual property rights are implied. AnalogicTech reserves the right to make changes to their products or specifications or to discontinue any product or service without notice. Customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability. AnalogicTech warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with AnalogicTech's standard warranty. Testing and other quality control techniques are utilized to the extent AnalogicTech deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed.
Advanced Analogic Technologies, Inc.
830 E. Arques Avenue, Sunnyvale, CA 94085 Phone (408) 737-4600 Fax (408) 737-4611
3510.2006.03.1.7
11


▲Up To Search▲   

 
Price & Availability of AAT3519

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X